Part Number Hot Search : 
MICON SZ3511 BSS138C3 MV11T1CG CZRA4744 2SA11 CMBT918 TLP1032F
Product Description
Full Text Search
 

To Download MB251DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MB251DL
High conductivity metal case ; Surge overload rating 300 ampers Any Mounting Position ; Low forward voltage drop The terminal is Anode ; The lead wire is Cathode
25 Amp Single Phase Bridge Rectifier 110 Volts
MB-35L
B
Maximum Ratings
* * Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C MCC Catalog Number MB251DL Maximum Recurrent Peak Reverse Voltage MB251DL 110V Device Marking Maximum RMS Voltage 77V Maximum DC Blocking Voltage 110V
C
E
F
(+)
D
A
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 25.0A 300A TC = 55C 8.3ms, half sine
DIMENSIONS
(-)
VF
2.1V
IFM = 12.5A per element; TJ = 25C
Maximum DC Reverse Current At IR 2A TJ = 25C Rated DC Blocking Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
DIM A B C D E F
INCHES MIN 1.115 .427 .753 -----.038 .193
MAX 1.135 .447 .773 .712 .042 ------
MM MIN 28.33 10.85 19.13 -----0.97 4.90
MAX 28.83 11.35 19.63 18.08 1.07 ------
NOTE
www.mccsemi.com
MB251DL
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 1.4 1.6 1.8 2.1 2.3 2.5 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60
Figure 2 Typical Reverse Characteristics
MCC
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 30
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 300
25
250 200 150 Amps 100 50
20
15 Amps 10
5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperesversus Case Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MB251DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X